PART |
Description |
Maker |
PM-8215 PM-8217 PM-8218 PM-8220 PM-8200 PM-8201 PM |
T1/CEPT QUAD PORT SMD ISOLATION TRANSFORMERS
|
Premier Magnetics, Inc.
|
LT-4016S |
From old datasheet system Quad Port Isolation Transformer
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
LT-4000S |
T1/CEPT/ISDN-PR1 Quad Port Isolation Tranformer
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
TED-100A TED-100B TED-104A TED-200A-J TED-200B-J T |
Dual Port SMD 10/100Base-T Isolation Transformer Modules
|
Nuvotem Talema
|
PCI-1680U |
2-port CAN-bus Universal PCI Communication Card with Isolation Protection
|
Advantech Co., Ltd.
|
TEXQ-400M-J TEXQ-400N-J TEXQ-400N1-J TEXQ-405N-J |
Quad Port Auto MDI/MDIX 10/100Base-T Transformer Isolation Modules
|
Nuvotem Talema
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
OMNI500ISO |
OmniSmart 500VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
|
List of Unclassifed Man...
|
OMNI750ISO-15 |
OmniSmart 120V 750VA 500W Line-Interactive UPS,Tower, Built-In Isolation Transformer, USB port
|
Tripp Lite. All Rights ...
|
1-5406552-1 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; INV MJ,1X4,PNL GRD,LED I106(G/Y).120 ST ( AMP )
|
Tyco Electronics
|
BD371A BD371B BD371C BD370A BD370B BFR20 BFR22 BCW |
Medium Power Amplifiers and Switches 中功率放大器和开 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
Electronic Theatre Controls, Inc. ETC[ETC] Central Semiconductor Corp List of Unclassifed Manufacturers http://
|